Part Number Hot Search : 
DRS201K NPTS15 HC80U RFP45N06 C100L KF402B M5304 USBB1
Product Description
Full Text Search
 

To Download IXFV22N60PS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PolarHVTM HiPerFET Power MOSFETs
N-Channel Enhancement Mode Fast Intrinsic Diode Avalanche Rated
IXFH 22N60P IXFV 22N60P IXFV 22N60PS
VDSS = 600 V ID25 = 22 A RDS(on) 350 m trr 200 ns
TO-247 (IXFH) Symbol VDSS VDGR VGS VGSM ID25 IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL TSOLD Md FC Weight 1.6 mm (0.062 in.) from case for 10 s Plastic body for 10 s Mounting torque Mounting Force (TO-247) (PLUS220) Test Conditions TJ = 25 C to 150 C TJ = 25 C to 150 C; RGS = 1 M Continuous Tranisent TC = 25 C TC = 25 C, pulse width limited by TJM TC = 25 C TC = 25 C TC = 25 C IS IDM, di/dt 100 A/s, VDD VDSS TJ 150 C, RG = 4 TC = 25 C Maximum Ratings 600 600 30 40 22 66 22 40 1.0 20 400 -55 ... +150 150 -55 ... +150 300 260 V V V V A A A mJ J V/ns W C C C C C
G S D (TAB) D = Drain TAB = Drain G D S G D D (TAB) S
PLUS220 (IXFV)
D (TAB)
PLUS220SMD (IXFV...S)
1.13/10 Nm/lb.in. 11..65/2.5..15 Nm/lb. 6 4 g g
TO-247 PLUS220 & PLUS220SMD
G = Gate S = Source
Symbol Test Conditions (TJ = 25 C, unless otherwise specified) BVDSS VGS(th) IGSS IDSS RDS(on) VGS = 0 V, ID = 250 A VDS = VGS, ID = 4 mA VGS = 30 VDC, VDS = 0 VDS = VDSS VGS = 0 V TJ = 125 C
Characteristic Values Min. Typ. Max. 600 3.0 5.5 100 25 250 350 V V nA A A m
Features l Fast intrinsic diode l Unclamped Inductive Switching (UIS) rated l International standard packages l Low package inductance - easy to drive and to protect Advantages Easy to mount l Space savings l High power density
l
VGS = 10 V, ID = 0.5 ID25 Pulse test, t 300 s, duty cycle d 2 %
(c) 2006 IXYS All rights reserved
DS99315E(03/06)
IXFH 22N60P IXFV22N60P IXFV 22N60PS
Symbol Test Conditions Characteristic Values (TJ = 25 C, unless otherwise specified) Min. Typ. Max. 15 20 3600 VGS = 0 V, VDS = 25 V, f = 1 MHz 305 38 20 VGS = 10 V, VDS = 0.5 VDSS, ID = ID25 RG = 4 (External) 20 60 23 58 VGS = 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25 20 22 S pF pF pF ns ns ns ns nC nC nC 0.31 C/W 0.21 C/W
Terminals: 1 - Gate 3 - Source 2 - Drain Tab - Drain
1 2 3
TO-247 AD (IXFH) Outline
gfs Ciss Coss Crss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCS
VDS = 20 V; ID = 0.5 ID25, pulse test
Dim.
Source-Drain Diode Symbol IS ISM VSD trr QRM Test Conditions VGS = 0 V Repetitive
Characteristic Values (TJ = 25 C, unless otherwise specified) Min. Typ. Max. 22 66 1.5 200 1.0 A A V ns C
Millimeter Min. Max. A 4.7 5.3 A1 2.2 2.54 A2 2.2 2.6 b 1.0 1.4 1.65 2.13 b1 b2 2.87 3.12 C .4 .8 D 20.80 21.46 E 15.75 16.26 e 5.20 5.72 L 19.81 20.32 L1 4.50 P 3.55 3.65 Q 5.89 6.40 R 4.32 5.49 S 6.15 BSC
Inches Min. Max. .185 .209 .087 .102 .059 .098 .040 .055 .065 .084 .113 .123 .016 .031 .819 .845 .610 .640 0.205 0.225 .780 .800 .177 .140 .144 0.232 0.252 .170 .216 242 BSC
PLUS220 (IXFV) Outline
IF = IS, VGS = 0 V, Pulse test, t 300 s, duty cycle d 2 % IF = 26A -di/dt = 100 A/s VR = 100V, VGS = 0 V
PLUS220SMD (IXFV_S) Outline
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by 4,835,592 one or moreof the following U.S. patents: 4,850,072 4,881,106 4,931,844 5,017,508 5,034,796 5,049,961 5,063,307 5,187,117 5,237,481 5,381,025 5,486,715 6,162,665 6,259,123 B1 6,306,728 B1 6,404,065 B1 6,534,343 6,583,505 6,683,344 6,710,405B2 6,710,463 6,727,585 6,759,692 6,771,478 B2
IXFH 22N60P IXFV22N60P IXFV 22N60PS
Fig. 1. Output Characte ris tics @ 25C
22 20 18 16 V GS = 10V 8V 45 40 35 30 7.5V V GS = 10V 9V 8V 7.5V
Fig. 2. Exte nde d Output Characte ris tics @ 25C
I D - Amperes
I D - Amperes
14 12 10 8 6 4 2 0 0 1 2 3 4 5 6
25 20 15 10 6.5V 6V 0 3 6 9 12 15 18 21 24 27 30 7V
7V
6V
5 0 7 8 9
V D S - V olts Fig. 3. Output Characte ris tics @ 125C
22 20 18 16 V GS = 10V 8V 7V 3.4 3.1 V GS = 10V
V D S - V olts
Fig. 4. RDS(on ) Norm alize d to ID = 11A V alue vs . Junction Te m pe rature
R D S ( o n ) - Normalized
2.8 2.5 2.2 1.9 1.6 1.3 1 0.7 0.4 I D = 11A I D = 22A
I D - Amperes
14 12 10 8 6 4 2 0 0 2 4 6 5.5V 5V 8 10 12 14 16 18 20 6V 6.5V
V D S - V olts
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade Fig. 6. Drain Curre nt vs . Cas e Te m pe rature
24
Fig. 5. RDS(on) Nor m alize d to ID = 11A V alue vs . Dr ain Curr e nt
3 2.8 2.6 V GS = 10V TJ = 125 C
20 16
R D S ( o n ) - Normalized
2.4
2 1.8 1.6 1.4 1.2 1 0.8 0 5 10 15 TJ = 25 C
I D - Amperes
2.2
12 8
4 0
I D - A mperes
20
25
30
35
40
45
-50
-25
TC - Degrees Centigrade
0
25
50
75
100
125
150
(c) 2006 IXYS All rights reserved
IXFH 22N60P IXFV22N60P IXFV 22N60PS
Fig. 7. Input Adm ittance
30 27 24 30 27 24 TJ = -40 C 25 C 125 C
Fig. 8. Trans conductance
I D - Amperes
18 15 12 9 6 3 0 4.5 5 5.5 6 6.5 7 7.5 8 TJ = 125 C 25 C -40 C
- Siemens
fs
21
21 18 15 12 9 6 3 0 0
g
3
6
9
12
15
18
21
24
27
30
V G S - V olts Fig. 9. Sour ce Cur re nt vs . Source -To-Drain V oltage
70 60 50 10 9 8 7 V DS = 300V I D = 11A I G = 10m A
I D - A mperes Fig. 10. Gate Char ge
I S - Amperes
V G S - Volts
TJ = 25 C 0.8 0.9 1 1.1
40 30 TJ = 125 C 20 10 0 0.4 0.5 0.6 0.7
6 5 4 3 2 1 0
V S D - V olts Fig. 11. Capacitance
10000 f = 1MH z C iss 100
0
10
20
30
40
50
60
Q G - nanoCoulombs Fig. 12. For w ard-Bias Safe Ope rating Are a
R DS(on) Lim it
Capacitance - picoFarads
C oss
I D - Amperes
1000
25s 100s 1m s 10m s
10
100 C rs s
TJ = 150C TC = 25C
DC
10 0 5 10 15
1
V D S - V olts
20
25
30
35
40
10
100
1000
V D S - V olts
IXYS reserves the right to change limits, test conditions, and dimensions.
IXFH 22N60P IXFV22N60P IXFV 22N60PS
Fig. 13. Maxim um Transient Therm al Resistance
1.00
R ( t h ) J C - C / W
0.10
0.01 0.0001 0.001 0.01 0.1 1 10
Pulse Width - Seconds
(c) 2006 IXYS All rights reserved
IXYS REF: T_22N60P (6J) 02-17-06-B


▲Up To Search▲   

 
Price & Availability of IXFV22N60PS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X